Part Number Hot Search : 
167BZXI 3105V 10A00 EPA2127A EC3CB14 Q980000 MX29LV 83251
Product Description
Full Text Search
 

To Download APT15DQ120KG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
1200V 15A APT15DQ120K APT15DQ120KG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
(K)
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-220 Package * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power Density
1
TO-220
2
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT15DQ120K(G) UNIT
1200
Volts
Maximum Average Forward Current (TC = 127C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
15 29 110 20 -55 to 175 300
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V
APT Website - http://www.advancedpower.com
MIN
TYP
MAX
UNIT
2.8 3.4 2.45
3.3
Volts
VR = 1200V VR = 1200V, TJ = 125C
100 500 17
053-4222 Rev B
pF
8-2005
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -1000A/s VR = 800V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 800V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 800V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN TYP
APT15DQ120K(G)
MAX UNIT ns nC
21 240 260 3 290 960 6 130 1340 19 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.18 0.07 1.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
APT Reserves the right to change, without notice, the specifications and information contained herein. 1.20 , THERMAL IMPEDANCE (C/W) D = 0.9 1.00 0.80 0.60 0.40 0.20 0 0.7
0.5
Note:
PDM
0.3 SINGLE PULSE
t1 t2
JC
0.1 0.05 10
-5
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
Z
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
10-4
RC MODEL Junction temp. (C)
8-2005
0.676 Power (watts) 0.504 Case temperature. (C)
0.00147
053-4222 Rev B
0.0440
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
TYPICAL PERFORMANCE CURVES
60 50 40 30 20 10 0 trr, REVERSE RECOVERY TIME (ns) TJ = 175C TJ = 125C TJ = 25C TJ = -55C
400 350 300 250 200 150 100 50 30A
APT15DQ120K(G)
T = 125C J V = 800V
R
IF, FORWARD CURRENT (A)
15A
7.5A
1 2 3 4 5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 2500 Qrr, REVERSE RECOVERY CHARGE (nC) 30A
T = 125C J V = 800V
R
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 25
T = 125C J V = 800V
R
0
30A
2000
20
1500 15A
15
1000 7.5A
10
15A
500
5
7.5A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 0.8 0.6
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 35 30 25 IF(AV) (A) 20 15 10 5
Duty cycle = 0.5 T = 175C
J
0
trr trr IRRM
Qrr
Qrr
0.4 0.2 0.0
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 80 CJ, JUNCTION CAPACITANCE (pF) 70 60 50 40
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
20 10 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 1
053-4222 Rev B
8-2005
30
APT15DQ120K(G)
Vr +18V 0V D.U.T. 30H
trr/Qrr Waveform
diF /dt Adjust
APT10078BLL
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-220 (K) Package Outline
e3 100% Sn
10.66 (.420) 9.66 (.380)
1.39 (.055) 0.51 (.020)
Cathode
5.33 (.210) 4.83 (.190) 6.85 (.270) 5.85 (.230)
12.192 (.480) 9.912 (.390)
3.42 (.135) 2.54 (.100)
4.08 (.161) Dia. 3.54 (.139)
0.080 (2.032) MAX. 14.73 (.580) 12.70 (.500)
3.683 (.145) MAX.
8-2005
0.50 (.020) 0.41 (.016) 2.92 (.115) 2.04 (.080) 4.82 (.190) 3.56 (.140)
Cathode Anode
053-4222 Rev B
1.01 (.040) 2-Plcs. .83 (.033) 5.33 (.210) 4.83 (.190)
1.77 (.070) 2-Plcs. 1.15 (.045)
Dimensions in Millimeters and (Inches)
APT's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15DQ120KG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X